PART |
Description |
Maker |
SC160C SC265D4 SC265D3 SC265D5 SC129D FB150D8 SC16 |
THYRISTOR MODULE|TRIAC TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/2 TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|400V V(DRM)|40A I(T)RMS|TO-208VAR1/4 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|25A I(T)RMS|TO-220 TRIAC|300V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-208VAR1/4 TRIAC|200V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|200V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-220 TRIAC|600V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|100A I(T)RMS|TO-200AB TRIAC|400V V(DRM)|300A I(T)RMS|TO-200VAR50 FUSE 1A FA SMT 1206 TRIAC|200V V(DRM)|300A I(T)RMS|TO-200VAR50 可控硅| 200伏五(DRM)的| 300口(T)的有效值|00VAR50 TRIAC|800V V(DRM)|150A I(T)RMS|STF-M20 可控硅| 800V的五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|600V V(DRM)|150A I(T)RMS|TO-200AB 可控硅| 600V的五(DRM)的| 150A口(T)的有效值|00AB TRIAC|1.2KV V(DRM)|300A I(T)RMS|STF-M23 可控硅| 1.2KV五(DRM)的| 300口(T)的有效值|培训基金,一辆M23 TRIAC|600V V(DRM)|70A I(T)RMS|STF-M12 可控硅| 600V的五(DRM)的|0A口(T)的有效值|培训基金- M12 TRIAC|1.2KV V(DRM)|150A I(T)RMS|STF-M20 可控硅| 1.2KV五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|200V V(DRM)|50A I(T)RMS|TO-208VARM8 可控硅| 200伏五(DRM)的| 50A条口(T)的有效值|08VARM8
|
Cornell Dubilier Electronics, Inc. EPCOS AG SIEMENS AG
|
CNY-2.S CNY-2-MS CNY-2-MSR2 CNY-2-MSR2V CNY-2-MSV |
Phototransistor Optocouplers Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 2.2 UFD.16WVDC.20%.3216.CASE A.TANT Hook-Up Wire; Conductor Size AWG:20; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Jacket Material:XLPE Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Paired EIA Industrial RS-485 Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP-6 Phototransistor Optocouplers 光电晶体管光电耦合 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT PACKAGE-6 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:5mA; Current, It av:12A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:10mA; Current, It av:12A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Phototransistor Optocouplers 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation http:// Fairchild Semiconductor, Corp.
|
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ92BT CQ92NT CQ92DT CQ92MT |
Leaded Thyristor TRIAC Triac 12 Amp, 600 Volt Triac Chip TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
CQ92-2M CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
IRKT152 |
400V 150A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a INT-A-Pak package
|
International Rectifier
|
CQ220I-6BS CQ220I-6MS CQ220I-6NS CQ220I-6DS |
ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
ST223C04CFN0 ST223C08CFN0 ST223C04CFL0 ST223C04CDP |
745 A, 400 V, SCR, TO-200AB MAX 3000A CPLD 64 MC 100-TQFP 400V 745A逆变晶闸管采用TO - 200AB(甲,北辰)封装 800V 745A Inverter Thyristor in a TO-200AB (A-Puk) package 400V 745A Inverter Thyristor in a TO-200AB (A-Puk) package
|
OKI SEMICONDUCTOR CO., LTD. International Rectifier
|
T1212MH T1213DH T1210MH T1213NH T12XXXH T1210NH -T |
700V standard triac 800V standard triac STANDARD TRIACS BOX ALUM UNPAINTED 10X6X3.5,1 BOX UTILITY ALUM GREY 7X5X3,1 400V standard triac
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
FODM301109 FODM3023R2V FODM3022R2 FODM3012R FODM30 |
4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers 4-pin Full Pitch MFP 400V Random Phase Triac Driver Output Optocoupler; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 400V Random Phase Triac Driver 10mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
|